Part Number Hot Search : 
T0816 BCM5365P 222MA BUXD87T 1005F XXX0C TPA240 UPD3798
Product Description
Full Text Search
 

To Download QBH-8719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL QBH-8719
Features
! ! ! ! High Gain: 21.5 dB Typical High Power: +25 dBm Typical Operating Temp. - 40 C to +70 C Environmental Screening Available
Available as: QBH-8719, Hybrid SM (E52-19422)
Maximum Ratings
Ambient Operating Temperature .............. -55 C to +125 C Storage Temperature .............................. -65 C to + 150 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 15 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: 1. Specifications are guaranteed when tested in a 50 Ohm system. Specifications indicated as typical are not guaranteed.
Specifications
CHARACTERISTIC TYPICAL MIN/MAX
Frequency Gain (dB) Gain vs. Temperature Gain Flatness Reverse Isolation (dB) VSWR In Out 1 dB Compression (dBm) Output Intercept point 3rd Order 2nd Order Noise Figure (dB) Power Vdc mA
Ta= 25 C 30 - 145 MHz 21.5 1.5 0.2 -32 1.2:1 1.2:1 +25 +40 +51 2.5 +15 105
Ta = -40 C to +70 C 30 - 145 MHz
1.0 -26 1.5:1 1.7:1 +23 +37 +48 3.0 +15 115
Max. Min. Max. Max. Min. Min. Min. Max. Max.
Typical Performance Data
24 23 22 21 20 19 18 10
Gain (dB)
MHz
100
-10 -20 -30 -40 -50 -60 -70 10
Reverse Isolation (dB)
Noise Figure (dB)
4.5 4.0 3.5 3.0 2.5 2.0 10
MHz
100
MHz
100
27 26 25 24 23 22 21 10
1 dB Comp. (dBm)
MHz
100
2.2 2.0 1.8 1.6 1.4 Output 1.2 1.0 10
Input/Output VSWR +25 C
Input
44 43 42 41 40 39 38
3rd order intermodulation distortion (dBm)
MHz
100
10
MHz
100
Legend
+ 25 C
+ 70 C - - - - - - -40 C
Linear S-Parameters Data
=================================================================== 30 -21.2 -37.6 21.5 -36.6 -31.9 170.8 -21.6 96.9 60 -22.2 -42.2 21.5 -34.6 33.1 155.5 -25.0 73.6 70 -22.1 -44.8 21.6 -33.9 35.0 150.7 -25.9 65.5 80 -22.0 -48.0 21.6 -33.4 34.6 146.0 -26.7 56.8 100 -21.5 -54.7 21.6 -32.1 34.6 136.6 -28.8 37.8 115 -21.0 -61.6 21.6 -31.3 34.0 129.4 -30.2 21.8 125 -20.5 -65.6 21.6 -30.8 32.9 124.6 -30.0 9.6 135 -20.2 -70.5 21.6 -30.3 32.6 119.8 -29.3 -4.6 145 -19.8 -76.0 21.6 -29.8 31.1 114.9 -28.7 -20.4
FREQ. MHz - - S11- - dB Ang - - S21- - dB Ang - - S12- - dB Ang - - S22- - dB Ang
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 03/11/05
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of QBH-8719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X